Part Number Hot Search : 
RT1P136U DECODER GS150404 IRFU014 VA4ASG 66BGC ALZ12B48 MAX14801
Product Description
Full Text Search
 

To Download 7197 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V.90
Modem transformer
7197
The 7197 is designed for V.90 applications to reflect 600 ohms on PRI with 287ohms on SEC. * Designed to IEC950 supplementary insulation. * Low distortion, specifically designed for V.90 applications * Available in tape and reel.
Mechanical and Schematic
(All dimensions in inches)
SUGGESTED PAD LAYOUT
SCHEMATIC
ELECTRICAL SPECIFICATION @ 25C
7197
Part Number
Turns Ratio 1%
Inductance (H min.)
DCR @ 20C ( 10%)
Frequency Response (dB)
Return Loss (dB min.)
Insertion Loss (dB max.) 200-4000Hz, @1000Hz
Total Harmonic Distortion (dB max.)
Hipot (VAC)
13/03/02
(PRI):(SEC)
1kHz, 1.0V (1-3)
PRI
SEC
200-4000Hz
200-4000Hz
600Hz, -10dBm
PRI-SEC
7197
ISSUE: A
1:1
1.5
155
145
0.25
14
3.85
-82
1650
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


▲Up To Search▲   

 
Price & Availability of 7197

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X